|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Blue Enhanced Photoconductive Silicon Photodiode PDB-C164 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] .167 [4.24] .021 [0.53] .075 [1.91] .055 [1.40] .025 [0.64] .019 [0.50] .250 [6.35] ANODE SOLDER PAD CATHODE SOLDER PAD CHIP DIMENSIONS INCH [mm] CHIP DIMENSIONS INCH [mm] .125 [3.18] METALIZED CERAMIC PACKAGE .066 [1.68] .046 [1.17] ACTIVE AREA METALIZED CERAMIC PACKAGE .104 [2.64] ACTIVE AREA FEATURES * * * * Low noise Blue enhanced High shunt resistance High response DESCRIPTION The PDB-C164 is a blue enhanced PIN silicon photodiode in a photoconductive mode, packaged in a metalized ceramic package. APPLICATIONS * Instrumentation * Industrial * Medical ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED VBR TSTG TO TS Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -45 -40 75 +100 +80 +240 V C C C Responsivity (A/W) SPECTRAL RESPONSE 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 Wavelength (nm) 1150 SYMBOL PARAMETER MIN MAX UNITS * 1/16 inch from case for 3 seconds max. ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL ISC ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Short Circuit Current Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS H = 100 fc, 2850 K VR = 10V VR = 10 mV VR =10 V, f = 1 MHz Spot Scan l= 450 nm V, VR = 0 V I = 10 A VR =10V @ l=950nm RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 20 100 350 0.15 50 TYP 25 1 500 7 0.18 75 1x10-14 190 13 MAX 10 UNITS A nA M pF nm A/W V W/ Hz nS 1100 **Response time of 10% to 90% is specified at 660nm wavelength light. Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com |
Price & Availability of PDB-C164 |